PART |
Description |
Maker |
MURS260-A |
Super Fast Recovery Pack: SMA SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE拢潞600V CURRENT拢潞 2.0A SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT 2.0A
|
Gulf Semiconductor
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
DL4003-13-F DL4004-13-F DL4001-13-F DL4002-13-F DL |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
HFMAF109-15 HFMAF101 |
Surface Mount Glass Passivated High Efficiency Rectifiers Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
|
Leshan Radio Company
|
DF15005S DF1501S |
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
|
PACELEADER INDUSTRIAL
|
HD01 HD0110 HD02-T HD03-T HD04-T HD01-15 HD05-T HD |
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER RECTIFIER BRIDGE 0.8A 200V 30A-ifsm 1V-vf 5uA-ir MiniDIP 3K/REEL-13 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes Incorporated
|
HBM25PT |
SURFACE MOUNT GLASS PASSIVATED
|
Chenmko Enterprise Co. Ltd.
|
S8MC S8KC |
8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes
|
S1GB S1JB |
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Sangdest Microelectroni...
|